công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 787 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 787 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 783Page - Renesas Technology Corp H8S/2114R Datasheet HTML 784Page - Renesas Technology Corp H8S/2114R Datasheet HTML 785Page - Renesas Technology Corp H8S/2114R Datasheet HTML 786Page - Renesas Technology Corp H8S/2114R Datasheet HTML 787Page - Renesas Technology Corp H8S/2114R Datasheet HTML 788Page - Renesas Technology Corp H8S/2114R Datasheet HTML 789Page - Renesas Technology Corp H8S/2114R Datasheet HTML 790Page - Renesas Technology Corp H8S/2114R Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 739 of 986
REJ09B0098-0300
21.1.3
Flash Memory MAT Configuration
This LSI’s flash memory is configured by the 1-Mbyte user MAT and 8-kbyte user boot MAT.
The start address is allocated to the same address in the user MAT and user boot MAT. Therefore,
when program execution or data access is performed between two MATs, the MAT must be
switched by using FMATS.
The user MAT or user boot MAT can be read in all modes. However, the user boot MAT can be
programmed only in boot mode and programmer mode.
<User MAT>
<User boot MAT>
Address H'000000
Address H'0FFFFF
1 Mbyte
8 kbytes
Address H'000000
Address H'001FFF
Figure 21.3 Flash Memory Configuration
The size of the user MAT is different from that of the user boot MAT. An address that exceeds the
size of the 8-kbyte user boot MAT should not be accessed. If the attempt is made, data is read as
an undefined value.
21.1.4
Block Division
The user MAT is divided into 64 kbytes (15 blocks), 32 kbytes (one block), and 4 kbytes (eight
blocks) as shown in figure 21.4. The user MAT can be erased in this divided-block units by
specifying the erase-block number of EB0 to EB23 when erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com