công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 783 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 783 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 779Page - Renesas Technology Corp H8S/2114R Datasheet HTML 780Page - Renesas Technology Corp H8S/2114R Datasheet HTML 781Page - Renesas Technology Corp H8S/2114R Datasheet HTML 782Page - Renesas Technology Corp H8S/2114R Datasheet HTML 783Page - Renesas Technology Corp H8S/2114R Datasheet HTML 784Page - Renesas Technology Corp H8S/2114R Datasheet HTML 785Page - Renesas Technology Corp H8S/2114R Datasheet HTML 786Page - Renesas Technology Corp H8S/2114R Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 735 of 986
REJ09B0098-0300
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
The flash memory has the following features. Figure 21.1 shows a block diagram of the flash
memory.
21.1
Features
• Size
Product Classification
ROM Size
ROM Addresses
H8S/2114R
R4F2114R
1 Mbyte
H'000000 to H'0FFFFF (mode 2)
H'0000 to H'DFFF (mode 3)
• Two flash-memory MATs according to LSI initiation mode
The on-chip flash memory has two memory spaces in the same address space (hereafter
referred to as memory MATs). The mode setting at initiation determines which memory MAT
is initiated first. The MAT can be switched by using the bank-switching method after
initiation.
 The user MAT is initiated at a power-on reset in user mode: 1 Mbyte
 The user boot memory MAT is initiated at a power-on reset in user boot mode: 8 kbytes
• Programming/erasing interface by the download of on-chip program
This LSI has a dedicated programming/erasing program. After downloading this program to
the on-chip RAM, programming/erasing can be performed by setting the argument parameter.
• Programming/erasing time
The flash memory programming time is 3 ms (typ) in 128-byte simultaneous programming,
and approximately 25
µs per byte. The erasing time is 1000 ms (typ) per 64-kbyte block.
• Number of programming
The number of flash memory programming can be up to 100 times at the minimum. (The value
ranged from 1 to 100 is guaranteed.)
• Three on-board programming modes
 Boot mode
This mode is a program mode that uses an on-chip SCI interface. The user MAT and user
boot MAT can be programmed. In this mode, the bit rate between the host and this LSI can
be automatically adjusted.
 User program mode
The user MAT can be programmed by using the optional interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com