công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 784 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 784 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 780Page - Renesas Technology Corp H8S/2114R Datasheet HTML 781Page - Renesas Technology Corp H8S/2114R Datasheet HTML 782Page - Renesas Technology Corp H8S/2114R Datasheet HTML 783Page - Renesas Technology Corp H8S/2114R Datasheet HTML 784Page - Renesas Technology Corp H8S/2114R Datasheet HTML 785Page - Renesas Technology Corp H8S/2114R Datasheet HTML 786Page - Renesas Technology Corp H8S/2114R Datasheet HTML 787Page - Renesas Technology Corp H8S/2114R Datasheet HTML 788Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 784 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 736 of 986
REJ09B0098-0300
 User boot mode
The user boot program of the optional interface can be made and the user MAT can be
programmed.
• Programming/erasing protection
Sets protection against flash memory programming/erasing via hardware, software, or error
protection.
• Programmer mode
This mode uses the PROM programmer. The user MAT and user boot MAT can be
programmed.
FCCS
FPCS
FECS
FKEY
FMATS
FTDAR
Control unit
Memory MAT unit
Flash memory
User MAT: 1 Mbyte
User boot MAT: 8 kbytes
Operating
mode
FWE pin
Mode pins
Internal data bus (16 bits)
[Legend]
FCCS:
Flash code control status register
FPCS:
Flash program code select register
FECS:
Flash erase code select register
FKEY:
Flash key code register
FMATS: Flash MAT select register
FTDAR: Flash transfer destination address register
Internal address bus
To read from or write to the registers, the FLSHE bit in the serial timer control
register (STCR) must be set to 1.
Note:
Figure 21.1 Block Diagram of Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com