công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 786 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 786 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 782Page - Renesas Technology Corp H8S/2114R Datasheet HTML 783Page - Renesas Technology Corp H8S/2114R Datasheet HTML 784Page - Renesas Technology Corp H8S/2114R Datasheet HTML 785Page - Renesas Technology Corp H8S/2114R Datasheet HTML 786Page - Renesas Technology Corp H8S/2114R Datasheet HTML 787Page - Renesas Technology Corp H8S/2114R Datasheet HTML 788Page - Renesas Technology Corp H8S/2114R Datasheet HTML 789Page - Renesas Technology Corp H8S/2114R Datasheet HTML 790Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 738 of 986
REJ09B0098-0300
21.1.2
Mode Comparison
The comparison table of programming and erasing related items about boot mode, user program
mode, user boot mode, and programmer mode is shown in table 21.1.
Table 21.1
Comparison of Programming Modes
Boot Mode
User Program
Mode
User Boot Mode
Programmer
Mode
Programming/
erasing
environment
On-board
On-board
On-board
PROM
programmer
Programming/
erasing enable
MAT
User MAT
User boot MAT
User MAT
User MAT
User MAT
User boot MAT
All erasure
Ο (Automatic)
Ο
Ο
Ο (Automatic)
Block division
erasure
Ο*1
Ο
Ο
×
Program data
transfer
From host via SCI Via optional device Via optional device Via programmer
Reset initiation
MAT
Embedded
program storage
MAT
User MAT
User boot MAT*
2
Transition to user
mode
Changing mode
setting and reset
Changing FLSHE
bit and FWE pin
Changing mode
setting and reset
Notes: 1. All erasure is performed. After that, the specified block can be erased.
2. First, the reset vector is fetched from the embedded program storage MAT. After the
flash memory related registers are checked, the reset vector is fetched from the user
boot MAT.
• The user boot MAT can be programmed or erased only in boot mode and programmer mode.
• In boot mode, the user MAT and user boot MAT are totally erased. Then, the user MAT or
user boot MAT can be programmed by means of commands. Note that the contents of the
MAT cannot be read until this state.
Boot mode can be used for programming only the user boot MAT and then programming the
user MAT in user boot mode. Another way is to program only the user MAT since user boot
mode is not used.
• In user boot mode, boot operation of the optional interface can be performed with mode pin
settings different from those in user program mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com