công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 792 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 792 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 788Page - Renesas Technology Corp H8S/2114R Datasheet HTML 789Page - Renesas Technology Corp H8S/2114R Datasheet HTML 790Page - Renesas Technology Corp H8S/2114R Datasheet HTML 791Page - Renesas Technology Corp H8S/2114R Datasheet HTML 792Page - Renesas Technology Corp H8S/2114R Datasheet HTML 793Page - Renesas Technology Corp H8S/2114R Datasheet HTML 794Page - Renesas Technology Corp H8S/2114R Datasheet HTML 795Page - Renesas Technology Corp H8S/2114R Datasheet HTML 796Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 744 of 986
REJ09B0098-0300
5. Consecutive execution of programming/erasing
When the 128-byte programming or one-block erasure does not end the processing, the
program address/data and erase-block number must be updated and consecutive
programming/erasing is required.
Since the downloaded on-chip program remains in the on-chip RAM even after the processing
ends, download and initialization are not required when the same processing is executed
consecutively.
21.2
Input/Output Pins
Flash memory is controlled by the pins listed in table 21.2.
Table 21.2
Pin Configuration
Pin Name
Input/Output
Function
RES
Input
Reset
FWE
Input
Flash memory programming/erasing enable pin
MD2
Input
Sets operating mode of this LSI
MD1
Input
Sets operating mode of this LSI
MD0
Input
Sets operating mode of this LSI
TxD1
Output
Serial transmit data output (used in boot mode)
RxD1
Input
Serial receive data input (used in boot mode)
21.3
Register Descriptions
The registers/parameters that control flash memory are shown below. To read from or write to
these registers/parameters, the FLSHE bit in STCR must be set to 1. For details on STCR, see
section 3.2.3, Serial Timer Control Register (STCR).
• Flash code control status register (FCCS)
• Flash program code select register (FPCS)
• Flash erase code select register (FECS)
• Flash key code register (FKEY)
• Flash MAT select register (FMATS)
• Flash transfer destination address register (FTDAR)
• Download pass/fail result (DPFR)
• Flash pass/fail result (FPFR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com