công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 807 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 807 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp H8S/2114R Datasheet HTML 805Page - Renesas Technology Corp H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp H8S/2114R Datasheet HTML 810Page - Renesas Technology Corp H8S/2114R Datasheet HTML 811Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 759 of 986
REJ09B0098-0300
(c)
Flash pass/fail result parameter (FPFR: general register R0L of CPU)
This parameter indicates the return value of the programming processing result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
The return value is 0.
6
MD
R/W
Programming Mode Related Setting Error Detect
Returns the check result whether a high level signal is
input to the FWE pin or whether the error-protection
state is not entered. When a low-level signal is input to
the FWE pin or the error-protection state is entered, 1 is
written to this bit. These states can be confirmed with the
FWE and FLER bits in FCCS. For conditions to enter the
error-protection state, see section 21.5.3, Error
Protection.
0: FWE and FLER settings are normal (FWE = 1,
FLER = 0)
1: Programming cannot be performed because FWE =
0 or FLER = 1
5
EE
R/W
Programming Execution Error Detect
1 is returned to this bit when the specified data could not
be written because the user MAT was not erased. If this
bit is set to 1, there is a high possibility that the user
MAT is partially rewritten. In this case, after removing the
error factor, erase the user MAT. If FMATS is set to
H'AA and the user boot MAT is selected, an error occurs
when programming is performed. In this case, both the
user MAT and user boot MAT are not rewritten.
Programming of the user boot MAT should be performed
in boot mode or programmer mode.
0: Programming has ended normally
1: Programming has ended abnormally and
programming result is not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com