công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 810 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 810 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp H8S/2114R Datasheet HTML 810Page - Renesas Technology Corp H8S/2114R Datasheet HTML 811Page - Renesas Technology Corp H8S/2114R Datasheet HTML 812Page - Renesas Technology Corp H8S/2114R Datasheet HTML 813Page - Renesas Technology Corp H8S/2114R Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 762 of 986
REJ09B0098-0300
(b)
Flash pass/fail result parameter (FPFR: general register R0L of CPU)
This parameter indicates the return value of the erasing processing result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
The return value is 0.
6
MD
R/W
Erasing Mode Related Setting Error Detect
Returns the check result whether a high level signal is
input to the FWE pin or whether the error-protection
state is not entered. When a low-level signal is input to
the FWE pin or the error-protection state is entered, 1 is
written to this bit. These states can be confirmed with the
FWE and FLER bits in FCCS. For conditions to enter the
error-protection state, see section 21.5.3, Error
Protection.
0: FWE and FLER settings are normal (FWE = 1,
FLER = 0)
1:
Erasing cannot be performed because FWE = 0 or
FLER = 1
5
EE
R/W
Erasure Execution Error Detect
1 is returned to this bit when the user MAT could not be
erased or when flash-memory related register settings
are partially changed. If this bit is set to 1, there is a high
possibility that the user MAT is partially erased. In this
case, after removing the error factor, erase the user
MAT. If FMATS is set to H'AA and the user boot MAT is
selected, an error occurs when erasure is performed. In
this case, both the user MAT and user boot MAT are not
erased. Erasing of the user boot MAT should be
performed in boot mode or programmer mode.
0: Erasure has ended normally
1: Erasure has ended abnormally and erasure result is
not guaranteed
4
FK
R/W
Flash Key Register Error Detect
Returns the check result of the FKEY value before the
start of the erasing processing.
0: FKEY setting is normal (FKEY = H'5A)
1: FKEY setting is abnormal (FKEY = value other than
H'5A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com