công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 813 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 813 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp H8S/2114R Datasheet HTML 810Page - Renesas Technology Corp H8S/2114R Datasheet HTML 811Page - Renesas Technology Corp H8S/2114R Datasheet HTML 812Page - Renesas Technology Corp H8S/2114R Datasheet HTML 813Page - Renesas Technology Corp H8S/2114R Datasheet HTML 814Page - Renesas Technology Corp H8S/2114R Datasheet HTML 815Page - Renesas Technology Corp H8S/2114R Datasheet HTML 816Page - Renesas Technology Corp H8S/2114R Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 765 of 986
REJ09B0098-0300
RxD1
TxD1
Host
Flash
memory
On-chip
RAM
On-chip SCI_1
This LSI
Boot
programming
tool and
program data
Reply response
Control command and
program data
Analysis
execution
software
(on-chip)
Figure 21.6 System Configuration in Boot Mode
(1)
SCI Interface Setting by Host
When boot mode is initiated, this LSI measures the low period of asynchronous SCI
communication data (H'00) which is transmitted consecutively from the host. The SCI
transmit/receive format is set to 8-bit data, 1 stop bit, and no parity. This LSI calculates the bit rate
of transmission by the host by means of the measured low period and transmits the bit adjustment
end sign (1 byte of H'00) to the host. The host must confirm that this bit adjustment end sign
(H'00) has been received normally and then transmits 1 byte of H'55 to this LSI. When reception
has not been executed normally, boot mode is initiated again (reset) and the operation described
above must be performed. The bit rates of the host and this LSI do not match due to the bit rate of
transmission by the host and the system clock frequency of this LSI. To operate the SCI normally,
the transfer bit rate of the host must be set to 4,800 bps, 9,600 bps, or 19,200 bps.
The system clock frequency, which can automatically adjust the transfer bit rate of the host and
the bit rate of this LSI, is shown in table 21.6. Boot mode must be initiated in the range of this
system clock.
D0
D1
D2
D3
D4
D5
D6
D7
Start
bit
Stop bit
Measure low period (9 bits) (data is H'00)
High period of
at least 1 bit
Figure 21.7 Automatic-Bit-Rate Adjustment Operation of SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com