công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 818 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 818 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 814Page - Renesas Technology Corp H8S/2114R Datasheet HTML 815Page - Renesas Technology Corp H8S/2114R Datasheet HTML 816Page - Renesas Technology Corp H8S/2114R Datasheet HTML 817Page - Renesas Technology Corp H8S/2114R Datasheet HTML 818Page - Renesas Technology Corp H8S/2114R Datasheet HTML 819Page - Renesas Technology Corp H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 818 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 770 of 986
REJ09B0098-0300
(2)
Programming Procedure in User Program Mode
The procedures for download, initialization, and programming are shown in figure 21.11.
Set FKEY to H'A5
Set SCO to 1 and
execute download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End programming
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts and
bus master operation
other than CPU
Clear FKEY to 0
Set the parameters to
ER1 and ER0
(FMPAR, FMPDR)
Yes
FPFR
= 0?
No
Clear FKEY Programming
error processing
Yes
Required block
programming is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
(a)
(b)
(c)
(d)
(e)
(f)
1
1
Initialization
JSR FTDAR setting
+ 32
Programming
JSR FTDAR setting
+ 16
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Start programming procedure
program
(g)
(h)
(i)
(j)
(k)
(l)
(m)
(n)
(o)
Figure 21.11 Programming Procedure
The procedure program must be executed in an area other than the flash memory to be
programmed. Especially the part where the SCO bit in FCCS is set to 1 for downloading must be
executed in the on-chip RAM.
The area that can be executed in the steps of the user procedure program (on-chip RAM and user
MAT) is shown in section 21.4.4, Storable Areas for Procedure Program and Program Data.
The following description assumes the area to be programmed on the user MAT is erased and
program data is prepared in the consecutive area. When erasing has not been done yet, execute
erasing before writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com