công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 821 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 821 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 817Page - Renesas Technology Corp H8S/2114R Datasheet HTML 818Page - Renesas Technology Corp H8S/2114R Datasheet HTML 819Page - Renesas Technology Corp H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 773 of 986
REJ09B0098-0300
(f)
Set the operating frequency to the FPEFEQ parameter for initialization.
The current frequency of the CPU clock is set to the FPEFEQ parameter (general register ER0).
The settable range of the FPEFEQ parameter is 4 to 20 MHz. When the frequency is set out of this
range, an error is returned to the FPFR parameter of the initialization program and initialization is
not performed. For details on the frequency setting, see the description in 21.3.2 (2) (a), Flash
programming/erasing frequency control parameter (FPEFEQ).
(g)
Initialization
When a programming program is downloaded, the initialization program is also downloaded to the
on-chip RAM. There is an entry point for the initialization program in the area from the start
address of a download destination specified by FTDAR
+ 32 bytes. The subroutine is called and
initialization is executed by using the following steps.
MOV.L
#DLTOP+32,ER2
;
Set entry address to ER2
JSR
@ER2
;
Call initialization routine
NOP
• The general registers other than R0L are saved in the initialization program.
• R0L is a return value of the FPFR parameter.
• Since the stack area is used in the initialization program, a 128-byte stack area at the maximum
must be allocated in RAM.
• Interrupts can be accepted during the execution of the initialization program. Note however
that the program storage area and stack area in the on-chip RAM, and register values must not
be rewritten.
(h)
The return value in the initialization program, FPFR (general register R0L) is
determined.
(i)
All interrupts and the use of a bus master other than the CPU are prohibited.
The stipulated voltage is applied for the stipulated time when programming or erasing. If
interrupts occur or a bus master other than the CPU gets the bus during this period, a voltage pulse
exceeding the regulation may be applied, thus damaging flash memory. Accordingly, interrupts
must be disabled and a bus master other than the CPU, such as the DTC or LPC, must not be
allowed.
To disable interrupts, bit 7 (I) in the condition code register (CCR) of the CPU should be set to B'1
in interrupt control mode 0, or bits 7 and 6 (I and UI) in the condition code register (CCR) of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com