công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 824 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 824 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 776 of 986
REJ09B0098-0300
(3)
Erasing Procedure in User Program Mode
The procedures for download, initialization, and erasing are shown in figure 21.12.
Set FKEY to H'A5
Set SCO to 1 and
execute download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End erasing
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts and
bus master operation
other than CPU
Clear FKEY to 0
Set the FEBS parameter
Yes
FPFR
= 0?
No
Clear FKEY
Erasing error processing
Yes
Required block
erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
(a)
(b)
(c)
(d)
(e)
(f)
1
1
Initialization
JSR FTDAR setting
+ 32
Erasing
JSR FTDAR setting
+ 16
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Start erasing procedure
program
Figure 21.12 Erasing Procedure
The procedure program must be executed in an area other than the user MAT to be erased.
Especially the part where the SCO bit in FCCS is set to 1 for downloading must be executed in the
on-chip RAM.
The area that can be executed in the steps of the user procedure program (on-chip RAM and user
MAT) is shown in section 21.4.4, Storable Areas for Procedure Program and Program Data.
For the downloaded on-chip program area, see the RAM map for programming/erasing in figure
21.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com