công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 827 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 827 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp H8S/2114R Datasheet HTML 829Page - Renesas Technology Corp H8S/2114R Datasheet HTML 830Page - Renesas Technology Corp H8S/2114R Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 779 of 986
REJ09B0098-0300
In the above procedure, download and initialization are performed only once at the beginning.
In this kind of operation, note the following:
• Be careful not to damage on-chip RAM with overlapped settings.
In addition to the erasing program area and programming program area, areas for the user
procedure programs, work area, and stack area are allocated in the on-chip RAM. Do not make
settings that will overwrite data in these areas.
• Be sure to initialize both the erasing program and programming program.
Initialization by setting the FPEFEQ parameter must be performed for both the erasing
program and programming program. Initialization must be executed for both entry addresses:
(download start address for erasing program)
+ 32 bytes and (download start address for
programming program)
+ 32 bytes.
21.4.3
User Boot Mode
This LSI has user boot mode that is initiated with different mode pin settings than those in boot
mode or user program mode. User boot mode is a user-arbitrary boot mode, unlike boot mode that
uses the on-chip SCI.
Only the user MAT can be programmed/erased in user boot mode. Programming/erasing of the
user boot MAT is only enabled in boot mode or programmer mode.
(1)
User Boot Mode Initiation
For the mode pin settings to start up user boot mode, see table 21.5.
When the reset start is executed in user boot mode, the built-in check routine runs. The user MAT
and user boot MAT states are checked by this check routine.
While the check routine is running, NMI and all other interrupts cannot be accepted.
Next, processing starts from the execution start address of the reset vector in the user boot MAT.
At this point, H'AA is set to FMATS because the execution target MAT is the user boot MAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com