công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 830 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 830 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp H8S/2114R Datasheet HTML 829Page - Renesas Technology Corp H8S/2114R Datasheet HTML 830Page - Renesas Technology Corp H8S/2114R Datasheet HTML 831Page - Renesas Technology Corp H8S/2114R Datasheet HTML 832Page - Renesas Technology Corp H8S/2114R Datasheet HTML 833Page - Renesas Technology Corp H8S/2114R Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 782 of 986
REJ09B0098-0300
(3)
User MAT Erasing in User Boot Mode
For erasing the user MAT in user boot mode, additional processing made by setting FMATS are
required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after erasing completes.
Figure 21.15 shows the procedure for erasing the user MAT in user boot mode.
Yes
No
Start erasing
procedure program
Set FKEY to H'A5
Yes
No
Download error processing
Set the FPEFEQ
parameter
End erasing
procedure program
FPFR = 0?
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
No
Clear FKEY and erasing
error processing*
Yes
Required
block erasing is
completed?
No
Set FKEY to H'A5
Clear FKEY to 0
1
1
Set FMATS to value other
than H'AA to select user MAT
Set SCO to 1 and
execute download
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
MAT
switchover
MAT
switchover
DPFR
= 0?
Initialization
JSR FTDAR setting
+ 32
Programming
JSR FTDAR setting
+ 16
FPFR
= 0?
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Note: * The MAT must be switched by FMATS
to perform the erasing error processing
in the user boot MAT.
Figure 21.15 Procedure for Erasing User MAT in User Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com