công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 832 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 832 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp H8S/2114R Datasheet HTML 829Page - Renesas Technology Corp H8S/2114R Datasheet HTML 830Page - Renesas Technology Corp H8S/2114R Datasheet HTML 831Page - Renesas Technology Corp H8S/2114R Datasheet HTML 832Page - Renesas Technology Corp H8S/2114R Datasheet HTML 833Page - Renesas Technology Corp H8S/2114R Datasheet HTML 834Page - Renesas Technology Corp H8S/2114R Datasheet HTML 835Page - Renesas Technology Corp H8S/2114R Datasheet HTML 836Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 784 of 986
REJ09B0098-0300
6. After programming/erasing, access to the flash memory is prohibited until FKEY is cleared.
In case the LSI mode is changed to generate a reset on completion of a programming/erasing
operation, a reset state (
RES = 0) of 100 µs or more must be secured.
Transitions to the reset state or hardware standby mode are prohibited during
programming/erasing operations. However, when the reset signal is accidentally input to the
chip, the reset must be released after a reset period of 100
µs that is longer than normal.
7. Switching of the MATs by FMATS should be required when programming/erasing of the user
MAT is operated in user boot mode. The program that switches the MATs should be executed
from the on-chip RAM. (For details, see section 21.6, Switching between User MAT and User
Boot MAT.) Make sure you know which MAT is currently selected when switching them.
8. When the program data storable area indicated by the programming parameter FMPDR is in
flash memory, an error will occur even when the program data stored is normal. Therefore, the
program data should be temporarily transferred to the on-chip RAM to set an address other
than flash memory in FMPDR.
In consideration of these conditions, the following tables show areas where program data can be
stored and executed for different combinations of operating mode, user MAT bank configuration,
and processing type.
Table 21.7
Executable MAT
Initiated Mode
Processing
User Program Mode
User Boot Mode*
Programming
Table 21.8 (1)
Table 21.8 (3)
Erasing
Table 21.8 (2)
Table 21.8 (4)
Note:
*
Programming/Erasing is possible to the user MAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com