công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 828 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 828 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp H8S/2114R Datasheet HTML 829Page - Renesas Technology Corp H8S/2114R Datasheet HTML 830Page - Renesas Technology Corp H8S/2114R Datasheet HTML 831Page - Renesas Technology Corp H8S/2114R Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 780 of 986
REJ09B0098-0300
(2)
User MAT Programming in User Boot Mode
For programming the user MAT in user boot mode, additional processing made by setting FMATS
is required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after programming completes.
Figure 21.14 shows the procedure for programming the user MAT in user boot mode.
Set FKEY to H'A5
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Initialization
JSR FTDAR setting
+ 32
Yes
End programming
procedure program
FPFR
= 0?
No
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set parameter to ER0 and
ER1 (FMPAR and FMPDR)
Programming
JSR FTDAR setting
+ 16
Yes
FPFR
= 0?
No
Yes
Required data
programming is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1
1
MAT
switchover
MAT
switchover
Set FMATS to value other than
H'AA to select user MAT
Set SCO to 1 and
execute download
Clear FKEY and programming
error processing*
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
Note: *
Start programming
procedure program
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
The MAT must be switched by FMATS
to perform the programming error processing
in the user boot MAT.
Figure 21.14 Procedure for Programming User MAT in User Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com