công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 829 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 829 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp H8S/2114R Datasheet HTML 829Page - Renesas Technology Corp H8S/2114R Datasheet HTML 830Page - Renesas Technology Corp H8S/2114R Datasheet HTML 831Page - Renesas Technology Corp H8S/2114R Datasheet HTML 832Page - Renesas Technology Corp H8S/2114R Datasheet HTML 833Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 781 of 986
REJ09B0098-0300
The difference between the programming procedures in user program mode and user boot mode is
whether the MAT is switched or not as shown in figure 21.14.
In user boot mode, the user boot MAT can be seen in the flash memory space with the user MAT
hidden in the background. The user MAT and user boot MAT are switched only while the user
MAT is being programmed. Because the user boot MAT is hidden while the user MAT is being
programmed, the procedure program must be executed in an area other than flash memory. After
the programming procedure completes, switch the MATs again to return to the first state.
MAT switching is enabled by writing a specific value to FMATS. Note however that while the
MATs are being switched, the LSI is in an unstable state, e.g. access to a MAT is not allowed until
MAT switching is completed, and if an interrupt occurs, from which MAT the interrupt vector is
read is undetermined. Perform MAT switching in accordance with the description in section 21.6,
Switching between User MAT and User Boot MAT.
Except for MAT switching, the programming procedure is the same as that in user program mode.
The area that can be executed in the steps of the user procedure program (on-chip RAM and user
MAT) is shown in section 21.4.4, Storable Areas for Procedure Program and Program Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com