công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 823 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 823 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 819Page - Renesas Technology Corp H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 775 of 986
REJ09B0098-0300
(l)
Programming
There is an entry point for the programming program in the area from the start address of a
download destination specified by FTDAR
+ 16 bytes. The subroutine is called and programming
is executed by using the following steps.
MOV.L
#DLTOP+16,ER2
;
Set entry address to ER2
JSR
@ER2
;
Call programming routine
NOP
• The general registers other than R0L are saved in the programming program.
• R0L is a return value of the FPFR parameter.
• Since the stack area is used in the programming program, a 128-byte stack area at the
maximum must be allocated in RAM.
(m) The return value in the programming program, FPFR (general register R0L) is
determined.
(n)
Determine whether programming of the necessary data has finished.
If more than 128 bytes of data are to be programmed, specify FMPAR and FMPDR in 128-byte
units, and repeat steps (l) to (n). Increment the programming destination address by 128 bytes and
update the programming data pointer correctly. If an address that has already been programmed is
written to again, not only will a programming error occur, but also flash memory will be damaged.
(o)
After programming finishes, clear FKEY and specify software protection.
If this LSI is restarted by a reset immediately after user MAT programming has finished, secure a
reset period (period of
RES = 0) of 100 µs which is longer than normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com