công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 652 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 652 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 648Page - Renesas Technology Corp H8S/20223 Datasheet HTML 649Page - Renesas Technology Corp H8S/20223 Datasheet HTML 650Page - Renesas Technology Corp H8S/20223 Datasheet HTML 651Page - Renesas Technology Corp H8S/20223 Datasheet HTML 652Page - Renesas Technology Corp H8S/20223 Datasheet HTML 653Page - Renesas Technology Corp H8S/20223 Datasheet HTML 654Page - Renesas Technology Corp H8S/20223 Datasheet HTML 655Page - Renesas Technology Corp H8S/20223 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 626 of 962
REJ09B0465-0100
17.6
Usage Notes
(1) Starting and Stopping Counting Process
The timer RE includes a TSTART bit that directs the start or stop of the counting process, and a
TCSTF bit that indicates that the counting process has started or stopped.
Setting the TSTART bit to 1 causes the timer RE to start counting and assigns 1 to the TCSTF bit.
From the time the TSTART bit is set to 1 and to the time the TCSTF bit turns 1, a maximum of 2
cycles of count sources are required. During this time period, the timer RE related registers*, with
the exception of the TCSTF bit, should not be accessed.
Similarly, clearing the TSTART bit to 0 causes the timer RE to stop counting, and assigns 0 to the
TCSTF bit. From the time the TSTART bit is set to 0 and to the time the TCSTF bit turns 0, the
timer RE related registers*, with the exception of the TCSTF bit, should not be accessed.
Note:
Timer RE related registers: TRESEC, TREMIN, TREHR, TREWK, TRECR1, TRECR2,
and TRECSR
(2) Register Settings of Timer RE
The following registers and bits should be written when the timer RE is stopped.
The condition "timer RE stopped" refers to the condition in which both the TSTART and TCSTF
bits in TRECR1 are 0. Set TRECR2 at the end of setting the above registers and bits (before the
timer RE counting process is started).
• Registers TRESEC, TREMIN, TREHR, TREWK, and TRECR2
• Bits H12_H24 bit, PM, and INT in TRECR1
• Bits RCS0 to RCS3 in TRECSR
(3) Sampling Circuit for Noise Canceler in
φ Subclock Signal
In realtime clock mode, always enable the sampling circuit with the SUBNC[1:0] bits in
SYSCCR. For details of the SUBNC[1:0] bits, see section 5.2.2, System Clock Control Register
(SYSCCR).
(4) Restrictions on Clock Selection in Output Compare Mode
In output compare mode, do not select the
φ subclock as the clock source for the timer if the CPU
is in
φsub mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com