công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 651 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 651 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 647Page - Renesas Technology Corp H8S/20223 Datasheet HTML 648Page - Renesas Technology Corp H8S/20223 Datasheet HTML 649Page - Renesas Technology Corp H8S/20223 Datasheet HTML 650Page - Renesas Technology Corp H8S/20223 Datasheet HTML 651Page - Renesas Technology Corp H8S/20223 Datasheet HTML 652Page - Renesas Technology Corp H8S/20223 Datasheet HTML 653Page - Renesas Technology Corp H8S/20223 Datasheet HTML 654Page - Renesas Technology Corp H8S/20223 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 625 of 962
REJ09B0465-0100
17.5
Interrupt Sources
There are six kinds of timer RE interrupts: week interrupts, day interrupts, hour interrupts, minute
interrupts, and second interrupts in realtime clock mode, and compare-match interrupts in output
compare mode. Table 17.2 shows the interrupt sources.
When using an interrupt, initiate the timer RE last after other registers are set. Independent vector
addresses are allocated to each timer RE interrupt source.
Table 17.2
Interrupt Sources
Interrupt Name
Interrupt Source
Interrupt Enable Bit
Compare-match interrupt
Occurs when the count value matches the
compare data.
COMIE
Week periodic interrupt
Occurs every week when the day-of-week
data register value becomes 0.
WKIE
Day periodic interrupt
Occurs every day when the day-of-week data
register value is incremented.
DYIE
Hour periodic interrupt
Occurs every hour when the hour date
register value is incremented.
HRIE
Minute periodic interrupt
Occurs every minute when the minute data
register value is incremented.
MNIE
Second periodic interrupt
Occurs every second when the second data
register value is incremented.
SCIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com