công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 653 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 653 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 649Page - Renesas Technology Corp H8S/20223 Datasheet HTML 650Page - Renesas Technology Corp H8S/20223 Datasheet HTML 651Page - Renesas Technology Corp H8S/20223 Datasheet HTML 652Page - Renesas Technology Corp H8S/20223 Datasheet HTML 653Page - Renesas Technology Corp H8S/20223 Datasheet HTML 654Page - Renesas Technology Corp H8S/20223 Datasheet HTML 655Page - Renesas Technology Corp H8S/20223 Datasheet HTML 656Page - Renesas Technology Corp H8S/20223 Datasheet HTML 657Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 627 of 962
REJ09B0465-0100
Section 18 Timer RG
Timer RG is a 16-bit timer with output compare and input capture functions. Timer RG can count
using a number of internal or external clocks and output pulses with a desired duty cycle using the
compare match function between the timer counter and two general registers. Timer RG is also
able to decode the phase difference between two external clocks and increment. Timer RG
therefore provides an ideal solution for many systems with a requirement to decide position based
on a rotary encoder or tachometer as well as a wide range of other applications.
18.1
Features
• Selection of seven counter clock sources
Internal clocks:
φ, φ/2, φ/4, φ/8, φ/32 and φ40
External clocks: TCLKA, TCLKB
• Timer mode
Waveform output by compare match (Selection of 0 output, 1 output, or toggle output)
Input capture function (Rising edge, falling edge, or both edges)
• PWM mode
Generates pulses with a desired period and duty cycle.
• Phase counting mode
Detects phase difference between two external clock inputs and increments/decrements the
TCNT.
• Fast access via internal 16-bit bus
Performs high-speed accesses to the timer counter and general registers using the 16-bit bus
interface.
• Four interrupt sources
TRGCNT overflow, TRGCNT underflow, compare match, and input capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com