công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 648 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 648 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 644Page - Renesas Technology Corp H8S/20223 Datasheet HTML 645Page - Renesas Technology Corp H8S/20223 Datasheet HTML 646Page - Renesas Technology Corp H8S/20223 Datasheet HTML 647Page - Renesas Technology Corp H8S/20223 Datasheet HTML 648Page - Renesas Technology Corp H8S/20223 Datasheet HTML 649Page - Renesas Technology Corp H8S/20223 Datasheet HTML 650Page - Renesas Technology Corp H8S/20223 Datasheet HTML 651Page - Renesas Technology Corp H8S/20223 Datasheet HTML 652Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 622 of 962
REJ09B0465-0100
17.4
Operation of Output Compare Mode
Writing 0 to the RCS3 bit in TRECSR sets the timer RE in output compare mode and causes it to
operate as a counter provided with an 8-bit compare match function. Four count sources can be
selected. When used in output compare mode, the timer RE should be initialized in reference to
figure 17.3.
The count source selected by the RCS1 and RCS0 bits is divided into two and counted with an 8-
bit counter. Setting 1 to the RCS2 bit in TRECSR causes the count source divided into two to be
counted with a 4-bit counter, and the 8-bit counter counts overflows of the 4-bit counter.
TREMIN sets a compare value. By reading TRESEC, it is possible to read values from the 8-bit
counter. In this mode, TREHR or TREWK is not used. Setting bits RCS6 to RCS4 in TRECSR to
B'011 and setting the TOENA bit in TRECR1 to 1 produces toggle output from the TREO pin
each time the value of the 8-bit counter matches the value of TREMIN (initial value: low output).
Also, by setting the COMIE bit in TRECR2 to 1, it is possible to generate a compare match
interrupt request. The counter, using the TSTART bit in TRECR1, controls the start/stop of
counter operation.
Figure 17.6 shows a block diagram of output compare mode; figure. 17.7 shows an operation
example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com