công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 313 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 313 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 309Page - Renesas Technology Corp H8S/2454 Datasheet HTML 310Page - Renesas Technology Corp H8S/2454 Datasheet HTML 311Page - Renesas Technology Corp H8S/2454 Datasheet HTML 312Page - Renesas Technology Corp H8S/2454 Datasheet HTML 313Page - Renesas Technology Corp H8S/2454 Datasheet HTML 314Page - Renesas Technology Corp H8S/2454 Datasheet HTML 315Page - Renesas Technology Corp H8S/2454 Datasheet HTML 316Page - Renesas Technology Corp H8S/2454 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 283 of 1342
REJ09B0467-0100
(5) Idle Cycle in Case of DRAM Space Access after Normal Space Access
In a DRAM space access following a normal space access, the settings of bits ICIS2, ICIS1,
ICIS0, and IDLC in BCR are valid. However, in the case of consecutive reads in different areas,
for example, if the second read is a full access to DRAM space, only a T
p cycle is inserted, and a
T
i cycle is not. The timing in this case is shown in figure 6.81.
T1
Address bus
φ
RD
External read
Data bus
T2
T3
Tp
Tr
DRAM space read
Tc1
Tc2
Figure 6.81 Example of DRAM Full Access after External Read
(CAST = 0)
In burst access in RAS down mode, the settings of bits ICIS2, ICIS1, ICIS0, and IDLC are valid
and an idle cycle is inserted. The timing in this case is illustrated in figures 6.82 and 6.83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com