công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 309 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 309 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 305Page - Renesas Technology Corp H8S/2454 Datasheet HTML 306Page - Renesas Technology Corp H8S/2454 Datasheet HTML 307Page - Renesas Technology Corp H8S/2454 Datasheet HTML 308Page - Renesas Technology Corp H8S/2454 Datasheet HTML 309Page - Renesas Technology Corp H8S/2454 Datasheet HTML 310Page - Renesas Technology Corp H8S/2454 Datasheet HTML 311Page - Renesas Technology Corp H8S/2454 Datasheet HTML 312Page - Renesas Technology Corp H8S/2454 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 279 of 1342
REJ09B0467-0100
6.10
Idle Cycle
6.10.1
Operation
When this LSI accesses external address space, it can insert an idle cycle (T
i) between bus cycles
in the following three cases: (1) when read accesses in different areas occur consecutively, (2)
when a write cycle occurs immediately after a read cycle, and (3) when a read cycle occurs
immediately after a write cycle. Insertion of a 1-state or 2-state idle cycle can be selected with the
IDLC bit in BCR. By inserting an idle cycle it is possible, for example, to avoid data collisions
between ROM, etc., with a long output floating time, and high-speed memory, I/O interfaces, and
so on.
(1) Consecutive Reads in Different Areas
If consecutive reads in different areas occur while the ICIS1 bit is set to 1 in BCR, an idle cycle is
inserted at the start of the second read cycle.
Figure 6.77 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle for ROM with a long output floating time, and bus cycle B is a read cycle for SRAM, each
being located in a different area. In (a), an idle cycle is not inserted, and a collision occurs in bus
cycle B between the read data from ROM and that from SRAM. In (b), an idle cycle is inserted,
and a data collision is prevented.
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
T2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
(ICIS1 = 0)
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
Ti
T1
Bus cycle B
(b) Idle cycle insertion
(ICIS1 = 1, initial value)
T2
CS (area A)
CS (area B)
CS (area A)
CS (area B)
Idle cycle
Figure 6.77 Example of Idle Cycle Operation
(Consecutive Reads in Different Areas)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com