công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 235 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 235 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 231Page - Renesas Technology Corp H8S/2454 Datasheet HTML 232Page - Renesas Technology Corp H8S/2454 Datasheet HTML 233Page - Renesas Technology Corp H8S/2454 Datasheet HTML 234Page - Renesas Technology Corp H8S/2454 Datasheet HTML 235Page - Renesas Technology Corp H8S/2454 Datasheet HTML 236Page - Renesas Technology Corp H8S/2454 Datasheet HTML 237Page - Renesas Technology Corp H8S/2454 Datasheet HTML 238Page - Renesas Technology Corp H8S/2454 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 205 of 1342
REJ09B0467-0100
6.6.3
Data Bus
The bus width of the address/data multiplexed I/O space can be specified for either 8-bit access
space or 16-bit access space by the ABW7 and ABW6 bits in ABWCRA. For the 8-bit access
space, D15 to D8 are valid for both address and data. For the 16-bit access space, D15 to D0 are
valid for both address and data. If the address/data multiplexed I/O space is accessed, the
corresponding address will be output to the address bus. For details on access size and data
alignment, see section 6.5.1, Data Size and Data Alignment.
6.6.4
Address Hold Signal
In the address/data multiplexed I/O space, a hold signal (
AH) that indicates the timing for latching
the address is output. The
AH output pin is multiplexed with the AS output pin. When the external
address space is specified as the address/data multiplexed I/O space, the multiplexed pin functions
as the
AH output pin. Note however that the multiplexed pin will function as the AS output pin
until the address/data multiplexed I/O space is specified.
6.6.5
Basic Timing
The bus cycle in the address/data multiplexed I/O interface consists of an address cycle and a data
cycle. The data cycle is based on the basic bus interface timing specified by ABWCR, ASTCR,
WTCRAH, RDNCR, and CSACR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com