công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 234 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 234 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 230Page - Renesas Technology Corp H8S/2454 Datasheet HTML 231Page - Renesas Technology Corp H8S/2454 Datasheet HTML 232Page - Renesas Technology Corp H8S/2454 Datasheet HTML 233Page - Renesas Technology Corp H8S/2454 Datasheet HTML 234Page - Renesas Technology Corp H8S/2454 Datasheet HTML 235Page - Renesas Technology Corp H8S/2454 Datasheet HTML 236Page - Renesas Technology Corp H8S/2454 Datasheet HTML 237Page - Renesas Technology Corp H8S/2454 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 204 of 1342
REJ09B0467-0100
Both extension state T
h inserted before the basic bus cycle and extension state Tt inserted after the
basic bus cycle, or only one of these, can be specified for individual areas. Insertion or non-
insertion can be specified for the T
h state with the upper 8 bits (CSXH7 to CSXH0) in the CSACR
register, and for the T
t state with the lower 8 bits (CSXT7 to CSXT0).
6.6
Address/Data Multiplexed I/O Interface
If areas 6 and 7 of the external address space are specified as address/data multiplexed I/O space
in this LSI, the address/data multiplexed I/O interfacing can be performed. In the address/data
multiplexed I/O interface, peripheral LSIs that require address/data multiplexing can be connected
directly to this LSI.
6.6.1
Setting Address/Data Multiplexed I/O Space
In the address/data multiplexed I/O interface, areas 6 and 7 are designated as the address/data
multiplexed I/O space by setting the MPXE bit in MPXCR to 1.
6.6.2
Address/Data Multiplexing
With the address/data multiplexed I/O space, the data bus and address bus are multiplexed. Table
6.4 shows the relation between the bus width and corresponding address output.
Table 6.4
Multiplexed Address/Data
Data Pins
Bus
Width
Cycle
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Address
A7
A6
A5
A4
A3
A2
A1
A0
8 bits
Data
D15
D14
D13
D12
D11
D10
D9
D8
Address
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
16 bits
Data
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com