công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 208 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 208 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 204Page - Renesas Technology Corp H8S/2454 Datasheet HTML 205Page - Renesas Technology Corp H8S/2454 Datasheet HTML 206Page - Renesas Technology Corp H8S/2454 Datasheet HTML 207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 210Page - Renesas Technology Corp H8S/2454 Datasheet HTML 211Page - Renesas Technology Corp H8S/2454 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 178 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
10
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.
9
8
RCD1
RCD0
0
0
R/W
R/W
RAS-CAS Wait Control
These bits select a wait cycle to be inserted
between the
RAS assert cycle and CAS assert
cycle. A 1- to 4-state wait cycle can be inserted.
00: Wait cycle not inserted
01: 1-state wait cycle inserted
10: 2-state wait cycle inserted
11: 3-state wait cycle inserted
7 to 4
All 0
R/W
Reserved
These bits can be read from or written to.
However, the write value should always be 0.
3
CKSPE*
0
R/W
Clock Suspend Enable
Enables clock suspend mode for extend read data
during DMAC and EXDMAC single address
transfer with the synchronous DRAM interface.
0: Disables clock suspend mode
1: Enables clock suspend mode
2
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.
1
0
RDXC1*
RDXC0*
0
0
R/W
R/W
Read Data Extension Cycle Number Selection
Selects the number of read data extension cycle
(Tsp) insertion state in clock suspend mode.
These bits are valid when the CKSPE bit is set to
1.
00: Inserts 1 state
01: Inserts 2 state
10: Inserts 3 state
11: Inserts 4 state
Note:
* Not supported by the H8S/2456 Group and H8S/2454 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com