công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 207 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 207 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 203Page - Renesas Technology Corp H8S/2454 Datasheet HTML 204Page - Renesas Technology Corp H8S/2454 Datasheet HTML 205Page - Renesas Technology Corp H8S/2454 Datasheet HTML 206Page - Renesas Technology Corp H8S/2454 Datasheet HTML 207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 210Page - Renesas Technology Corp H8S/2454 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 177 of 1342
REJ09B0467-0100
6.3.10
DRAM Access Control Register (DRACCR)
DRACCR is used to set the DRAM/synchronous DRAM interface bus specifications.
Note:
The synchronous DRAM interface is not supported by the H8S/2456 Group and H8S/2454
Group.
Bit
Bit Name
Initial Value
R/W
Description
15
DRMI
0
R/W
Idle Cycle Insertion
An idle cycle can be inserted after a
DRAM/synchronous DRAM access cycle when a
continuous normal space access cycle follows a
DRAM/synchronous DRAM access cycle. Idle
cycle insertion conditions, setting of number of
states, etc., comply with settings of bits ICIS2,
ICIS1, ICIS0, and IDLC in BCR register
0: Idle cycle not inserted
1: Idle cycle inserted
14
—
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.
13
12
TPC1
TPC0
0
0
R/W
R/W
Precharge State Control
These bits select the number of states in the RAS
precharge cycle in normal access and refreshing.
00: 1 state
01: 2 states
10: 3 states
11: 4 states
11
SDWCD
0*
R/W
CAS Latency Control Cycle Disabled during
Continuous Synchronous DRAM Space Write
Access
Disables CAS latency control cycle (Tcl) inserted
by WTCRB (H) settings during synchronous
DRAM write access (see figure 6.5).
0: Enables CAS latency control cycle
1: Disables CAS latency control cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com