công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1226 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1226 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1222Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1223Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1224Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1225Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1226Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1226 / 1376 page
background image
Section 26 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1196 of 1342
REJ09B0467-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Timer I/O control register_4
TIOR_4
8
H'FE92
TPU_4
16
2
Timer interrupt enable register_4
TIER_4
8
H'FE94
TPU_4
16
2
Timer status register_4
TSR_4
8
H'FE95
TPU_4
16
2
Timer counter_4
TCNT_4
16
H'FE96
TPU_4
16
2
Timer general register A_4
TGRA_4
16
H'FE98
TPU_4
16
2
Timer general register B_4
TGRB_4
16
H'FE9A
TPU_4
16
2
Timer control register_5
TCR_5
8
H'FEA0
TPU_5
16
2
Timer mode register_5
TMDR_5
8
H'FEA1
TPU_5
16
2
Timer I/O control register_5
TIOR_5
8
H'FEA2
TPU_5
16
2
Timer interrupt enable register_5
TIER_5
8
H'FEA4
TPU_5
16
2
Timer status register_5
TSR_5
8
H'FEA5
TPU_5
16
2
Timer counter_5
TCNT_5
16
H'FEA6
TPU_5
16
2
Timer general register A_5
TGRA_5
16
H'FEA8
TPU_5
16
2
Timer general register B_5
TGRB_5
16
H'FEAA
TPU_5
16
2
Flash memory control register 1
FLMCR1
8
H'FEB0
FLASH
8
2
Flash memory data block protect
register
DFPR
8
H'FEB2
FLASH
8
2
Flash memory status register
FLMSTR
8
H'FEB3
FLASH
8
2
Bus width control register
ABWCR
8
H'FEC0
BSC
16
2
Access state control register
ASTCR
8
H'FEC1
BSC
16
2
Wait control register AH
WTCRAH
8
H'FEC2
BSC
16
2
Wait control register AL
WTCRAL
8
H'FEC3
BSC
16
2
Wait control register BH
WTCRBH
8
H'FEC4
BSC
16
2
Wait control register BL
WTCRBL
8
H'FEC5
BSC
16
2
Read strobe timing control register
RDNCR
8
H'FEC6
BSC
16
2
CS assertion period control register H CSACRH
8
H'FEC8
BSC
16
2
CS assertion period control register L CSACRL
8
H'FEC9
BSC
16
2
Burst ROM interface control register
H
BROMCRH
8
H'FECA
BSC
16
2
Burst ROM interface control register
L
BROMCRL
8
H'FECB
BSC
16
2
Bus control register
BCR
16
H'FECC
BSC
16
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com