công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1177 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1177 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1173Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1174Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1175Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1176Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1177Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1178Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1179Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1180Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1177 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1147 of 1342
REJ09B0467-0100
Command
H'50
Address
SUM
• Command, H'50, (one byte): 128-byte programming
• Programming Address (four bytes): End code is H'FF, H'FF, H'FF, H'FF.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to 128-byte programming
On completion of programming, the boot program will return ACK.
Error Response
H'D0
ERROR
• Error Response, H'D0, (one byte): Error response for 128-byte programming
• ERROR: (one byte): Error code
H'11: Checksum error
H'53: Programming error
An error has occurred in programming and programming cannot be continued.
(10) Erasure
Erasure is performed with the erasure selection and block erasure command.
Firstly, erasure is selected by the erasure selection command and the boot program then erases the
specified block. The command should be repeatedly executed if two or more blocks are to be
erased. Sending a block-erasure command from the host with the block number H'FF will stop the
erasure operating. On completion of erasing, the boot program will wait for selection of
programming or erasing.
The sequences of the issuing of erasure selection commands and the erasure of data are shown in
figure 22.15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com