công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1174 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1174 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1170Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1171Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1172Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1173Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1174Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1175Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1176Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1177Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1174 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1144 of 1342
REJ09B0467-0100
(9) Programming/Erasing State
A programming selection command makes the boot program select the programming method, an
128-byte programming command makes it program the memory with data, and an erasing
selection command and block erasing command make it erase the block. The
programming/erasing commands are listed below.
Table 22.10 Programming/Erasing Commands
Command
Command Name
Description
H'43
User MAT programming selection
Transfers the user MAT programming program
H'50
128-byte programming
Programs 128 bytes of data
H'48
Erasing selection
Transfers the erasing program
H'58
Block erasing
Erases a block of data
H'52
Memory read
Reads the contents of memory
H'4B
User MAT sum check
Checks the checksum of the user MAT
H'4D
User MAT blank check
Checks whether the contents of the user MAT
are blank
H'4F
Boot program status inquiry
Inquires into the boot program’s status
• Programming
Programming is executed by a programming-selection command and a 128-byte programming
command.
Firstly, the host should send the programming-selection command and select the programming
method and programming MATs. There is a programming selection command according to the
area and method for programming.
•
User MAT programming selection
After issuing the programming selection command, the host should send the 128-byte
programming command. The 128-byte programming command that follows the selection
command represents the data programmed according to the method specified by the selection
command. When more than 128-byte data is programmed, 128-byte commands should repeatedly
be executed. Sending a 128-byte programming command with H'FFFFFFFF as the address will
stop the programming. On completion of programming, the boot program will wait for selection of
programming or erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com