công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1112 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1112 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1112 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1082 of 1342
REJ09B0467-0100
Bit
0
Bit
1
to
Bit
7
Bit
6
LSI operation
User operation
SSO
(LSB first)
SSO
(MSB first)
SCS
SSCK
TDRE
TEND
SSTDR2
SSTDR1
SSTDR0
Bit
0
Bit
1
to
Bit
7
Bit
6
Bit
0
Bit
1
to
Bit
7
Bit
6
Bit
7
Bit
6
to
Bit
0
Bit
1
SSTDR0
SSTDR1
SSTDR2
Bit
7
Bit
6
to
Bit
0
Bit
1
Bit
7
Bit
6
to
Bit
0
Bit
1
1 frame
Data written to SSTDR0, SSTDR1, and SSTDR2
TXI interrupt generated
TEI interrupt generated
Figure 20.5 (3) Example of Transmission Operation (SSU Mode) When 24-bit data length is
selected (SSTDR0, SSTDR1, and SSTDR2 are valid) with CPOS = 0 and CPHS = 0
Bit
0
to
to
to
to
to
to
to
to
Bit
0
Bit
7
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
LSI operation
User operation
SSO
(LSB first)
SSO
(MSB first)
SCS
SSCK
TDRE
TEND
SSTDR0
SSTDR3
SSTDR1
SSTDR2
SSTDR2
SSTDR1
SSTDR3
SSTDR0
1 frame
Data written to SSTDR0, SSTDR1, SSTDR2 and SSTDR3
TXI interrupt generated TEI interrupt generated
Figure 20.5 (4) Example of Transmission Operation (SSU Mode)
When 32-bit data length is selected (SSTDR0, SSTDR1, SSTDR2 and SSTDR3 are valid)
with CPOS = 0 and CPHS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com