công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1109 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1109 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1105Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1106Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1109 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1079 of 1342
REJ09B0467-0100
20.4.5
SSU Mode
In SSU mode, data communications are performed via four lines: clock line (SSCK), data input
line (SSI or SSO), data output line (SSI or SSO), and chip select line (
SCS).
In addition, the SSU supports bidirectional mode in which a single pin functions as data input and
data output lines.
(1) Initial Settings in SSU Mode
Figure 20.4 shows an example of the initial settings in SSU mode. Before data transfer, clear both
the TE and RE bits in SSER to 0 to set the initial values.
Note:
Before changing operating modes and communications formats, clear both the TE and RE
bits to 0. Although clearing the TE bit to 0 sets the TDRE bit to 1, clearing the RE bit to 0
does not change the values of the RDRF and ORER bits and SSRDR. Those bits retain the
previous values.
Start setting initial values
[1]
[2]
[3]
[4]
End
Set a bit in ICR to 1
Clear SSUMS in SSCRL to 0 and
specify bits DATS1 and DATS0
Specify MSS, BIDE, SOL, SCKS, CSS1,
and CSS0 bits in SSCRH
Specify MLS, CPOS, CPHS, CKS2,
CKS1, and CKS0 bits in SSMR
Specify SDOS, SSCKOS, SCSOS,
TENDSTS, SCSATS and SSODTS
bits in SSCR2
Clear TE and RE bits in SSER to 0
[1] When the pin is used as an input.
[2] Specify master/slave mode selection, bidirectional mode enable,
SSO pin output value selection, SSCK pin selection, and
SCS pin
selection.
[3] Selects SSU mode and specify transmit/receive data length.
[4] Specify MSB first/LSB first selection, clock polarity selection,
clock phase selection, and transfer clock rate selection.
[5] Enables/disables interrupt request to the CPU.
Specify TE, RE, TEIE, TIE, RIE,
and CEIE bits in SSER smulataneously
[5]
Figure 20.4 Example of Initial Settings in SSU Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com