công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 111 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 111 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 107Page - Renesas Technology Corp H8S/2454 Datasheet HTML 108Page - Renesas Technology Corp H8S/2454 Datasheet HTML 109Page - Renesas Technology Corp H8S/2454 Datasheet HTML 110Page - Renesas Technology Corp H8S/2454 Datasheet HTML 111Page - Renesas Technology Corp H8S/2454 Datasheet HTML 112Page - Renesas Technology Corp H8S/2454 Datasheet HTML 113Page - Renesas Technology Corp H8S/2454 Datasheet HTML 114Page - Renesas Technology Corp H8S/2454 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1376 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 81 of 1342
REJ09B0467-0100
3.2.2
System Control Register (SYSCR)
SYSCR selects saturation operation for the MAC instruction, controls CPU access to the flash
memory control registers, sets the external bus mode, and enables or disables on-chip RAM.
Bit
Bit Name
Initial Value
R/W
Descriptions
7, 6
All 1
R/W
Reserved
The initial value should not be modified.
5
MACS
0
R/W
MAC Saturation Operation Control
Selects either saturation operation or non-saturation
operation for the MAC instruction.
0: MAC instruction performs non-saturation operation
1: MAC instruction performs saturation operation
4
0
R/W
Reserved
The initial value should not be modified.
3
FLSHE
0
R/W
Flash Memory Control Register Enable
Controls CPU access to the flash memory control
registers (FLMCR1, DFPR, and FLMSTR). If this bit
is set to 1, the flash memory control registers can be
read from and written to. If this bit is cleared to 0, the
flash memory control registers are not selected. At
this time, the contents of the flash memory control
registers are retained. 0 should be written to this bit in
LSIs other than the flash memory version.
0: Flash memory control registers are not selected for
addresses H'FFFEB0 to H'FFFEB3
1: Flash memory control registers are selected for
addresses H'FFFEB0 to H'FFFEB3
2
0
Reserved
This bit is always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com