công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 110 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 110 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 106Page - Renesas Technology Corp H8S/2454 Datasheet HTML 107Page - Renesas Technology Corp H8S/2454 Datasheet HTML 108Page - Renesas Technology Corp H8S/2454 Datasheet HTML 109Page - Renesas Technology Corp H8S/2454 Datasheet HTML 110Page - Renesas Technology Corp H8S/2454 Datasheet HTML 111Page - Renesas Technology Corp H8S/2454 Datasheet HTML 112Page - Renesas Technology Corp H8S/2454 Datasheet HTML 113Page - Renesas Technology Corp H8S/2454 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1376 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 80 of 1342
REJ09B0467-0100
3.2
Register Descriptions
The following registers are related to operating mode setting.
•
Mode control register (MDCR)
•
System control register (SYSCR)
3.2.1
Mode Control Register (MDCR)
MDCR monitors the current operating mode of this LSI.
Bit
Bit Name
Initial Value
R/W
Descriptions
7 to 3
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
2
1
0
MDS2
MDS1
MDS0
*
*
*
R
R
R
Mode Select 2 to 0
These bits indicate the input levels at mode pins
MD2 to MD0 (the current operating mode). Bits
MDS2 to MDS0 correspond to pins MD2 to MD0,
respectively. These bits are read-only bits and so
they cannot be modified. The input levels of the
MD2 to MD0 pins are latched into these bits when
MDCR is read. These latches are canceled by a
reset.
Note:
*
Determined by the settings of pins MD2 to MD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com