công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1096 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1096 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1096 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1066 of 1342
REJ09B0467-0100
20.3.3
SS Mode Register (SSMR)
SSMR selects the MSB first/LSB first, clock polarity, clock phase, and clock rate of synchronous
serial communication.
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB First/LSB First Select
Selects that the serial data is transmitted in MSB first or
LSB first.
0: LSB first
1: MSB first
6
CPOS
0
R/W
Clock Polarity Select
Selects the SSCK clock polarity.
0: High output in idle mode, and low output in active
mode
1: Low output in idle mode, and high output in active
mode
5
CPHS
0
R/W
Clock Phase Select (Only for SSU Mode)
Selects the SSCK clock phase.
0: Data changes at the first edge.
1: Data is latched at the first edge.
4, 3
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
Transfer Clock Rate Select
Select the transfer clock rate when an internal clock is
selected.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
000: Reserved
001:
φ/4
010:
φ/8
011:
φ/16
100:
φ/32
101:
φ/64
110:
φ/128
111:
φ/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com