công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1095 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1095 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1099Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1095 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1065 of 1342
REJ09B0467-0100
20.3.2
SS Control Register L (SSCRL)
SSCRL selects operating mode, software reset, and transmit/receive data length.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
6
SSUMS
0
R/W
Selects transfer mode from SSU mode and clock
synchronous mode.
0: SSU mode
1: Clock synchronous mode
5
SRES
0
R/W
Software Reset
Setting this bit to 1 forcibly resets the SSU internal
sequencer. After that, this bit is automatically cleared.
The ORER, TEND, TDRE, RDRF, and CE bits in SSSR
and the TE and RE bits in SSER are also initialized.
Values of other bits for SSU registers are held.
To stop transfer, set this bit to 1 to reset the SSU
internal sequencer.
4 to 2
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
1
0
DATS1
DATS0
0
0
R/W
R/W
Transmit/Receive Data Length Select
Select serial data length.
00: 8 bits
01: 16 bits
10: 32 bits
11: 24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com