công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1070 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1070 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1071Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1072Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1073Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1074Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1070 / 1376 page
background image
Section 18 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 1040 of 1342
REJ09B0467-0100
18.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 18.6 shows the A/D conversion timing. Tables 18.5 and 18.6
show the A/D conversion time.
As shown in figure 18.6, the A/D conversion time (t
CONV) includes the A/D conversion start delay
time (t
D) and the input sampling time (tSPL). The length of tD varies depending on the timing of the
write access to ADCSR. The total conversion time therefore varies within the ranges indicated in
tables 18.5 and 18.6.
In scan mode, the values given in tables 18.5 and 18.6 apply to the first conversion time. The
values given in table 18.7 apply to the second and subsequent conversions. In either case, bit
EXCKS in ADCSR, and bits CKS1 and CKS0 in ADCR should be set so that the conversion time
is within the ranges indicated by the A/D conversion characteristics.
(1)
(2)
tD
tSPL
tCONV
P
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
ADCSR write cycle
(2):
ADCSR address
tD:
A/D conversion start delay time
tSPL:
Input sampling time
tCONV: A/D conversion time
Figure 18.6 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com