công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 986 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 986 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 982Page - Renesas Technology Corp H8S/2454 Datasheet HTML 983Page - Renesas Technology Corp H8S/2454 Datasheet HTML 984Page - Renesas Technology Corp H8S/2454 Datasheet HTML 985Page - Renesas Technology Corp H8S/2454 Datasheet HTML 986Page - Renesas Technology Corp H8S/2454 Datasheet HTML 987Page - Renesas Technology Corp H8S/2454 Datasheet HTML 988Page - Renesas Technology Corp H8S/2454 Datasheet HTML 989Page - Renesas Technology Corp H8S/2454 Datasheet HTML 990Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 956 of 1342
REJ09B0467-0100
(3) Transition from Suspend State to Software Standby Mode and Canceling Software
Standby Mode
If the USB bus enters from the suspend state to software standby mode, perform the operation as
shown in figure 16.7. When canceling software standby mode, ensure enough time for the system
clock oscillation to be settled.
Transition from suspend state to
software standby mode
(1)
(2)
(3)
(4)
(5)
(8)
(9)
Detect that USB bus is in suspend state.
USBINTN interrupt
Clear SURSF in IFR0 to 0.
Check if SURSS in IFR0 is set to 1.
Clear SURSFE in IER0 to 0.
Set SSRSME in IER0 to 1.
Shift to software standby mode.
(Execute SLEEP instruction.)
Stop all clocks of LSI.
Canceling software standby mode
Detect that USB bus is in resume state.
RESUME interrupt
Cancel software standby mode
Wait for system clock oscillation to be settled.
Wait for 48-MHz USB clock oscillation to be
settled.
Clear SURSF in IFR0 to 0.
Check if SURSS in IFR0 is cleared to 0.
Set SURSFE in IER0 to 1.
Clear SSRSME in IER0 to 0.
USB communications can be resumed
through USB registers.
Denotation of figures
: Operation by firmware setting
: Automatic operation by LSI hardware
(7)
(6)
Stop 48-MHz USB clock.
Set MSTP17 in EXMSTPCRL to 1.
(10)
(11)
(12)
(15)
(16)
(17)
Supply 48-MHz USB clock.
(14)
Clear MSTP17 in EXMATPCRL to 0.
(13)
Set SURSF in IFR0 to 1.
Figure 16.7 Flow of Transition to and Canceling Software Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com