công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 888 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 888 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 884Page - Renesas Technology Corp H8S/2454 Datasheet HTML 885Page - Renesas Technology Corp H8S/2454 Datasheet HTML 886Page - Renesas Technology Corp H8S/2454 Datasheet HTML 887Page - Renesas Technology Corp H8S/2454 Datasheet HTML 888Page - Renesas Technology Corp H8S/2454 Datasheet HTML 889Page - Renesas Technology Corp H8S/2454 Datasheet HTML 890Page - Renesas Technology Corp H8S/2454 Datasheet HTML 891Page - Renesas Technology Corp H8S/2454 Datasheet HTML 892Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 888 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 858 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
2
1
0
ACS2
ACS1
ACS0
0
0
0
R/W
R/W
R/W
Asynchronous clock source selection (valid when
CKE1 = 1 in asynchronous mode)
Selects the clock source for the average transfer
rate.
The basic clock can be automatically set by
selecting the average transfer rate in spite of the
value of ABCS.
000: External clock input
001: Selects 115.152 kbps which is the average
transfer rate dedicated for
φ= 10.667 MHz.
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
010: Selects 460.606 kbps which is the average
transfer rate dedicated for
φ= 10.667 MHz.
(Operates on a basic clock with a frequency
of 8 times the transfer rate.)
011: Selects 720 kbps which is the average
transfer rate dedicated for
φ = 32 MHz.
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
100: Reserved
101: Selects 115.196 kbps which is the average
transfer rate dedicated for
φ = 16 MHz
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
110: Selects 460.784 kbps which is the average
transfer rate dedicated for
φ = 16 MHz
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
111: Selects 720 kbps which is the average
transfer rate dedicated for
φ = 16 MHz
(Operates on a basic clock with a frequency
of 8 times the transfer rate.)
Note that the average transfer rate does not
correspond to the frequency other than 10.667,
16, or 32 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com