công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 887 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 887 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 883Page - Renesas Technology Corp H8S/2454 Datasheet HTML 884Page - Renesas Technology Corp H8S/2454 Datasheet HTML 885Page - Renesas Technology Corp H8S/2454 Datasheet HTML 886Page - Renesas Technology Corp H8S/2454 Datasheet HTML 887Page - Renesas Technology Corp H8S/2454 Datasheet HTML 888Page - Renesas Technology Corp H8S/2454 Datasheet HTML 889Page - Renesas Technology Corp H8S/2454 Datasheet HTML 890Page - Renesas Technology Corp H8S/2454 Datasheet HTML 891Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 857 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
2
IrRxINV
0
R/W
IrRx Data Invert
Specifies the logic level of the IrRxD output to be
inverted. When inversion is performed, the high
pulse width specified by bits 6 to 4 becomes the
low pulse width.
0: Transmit data is used as IrRxD output without
change
1: Transmit data is inverted before used as IrRxD
output
1, 0
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
15.3.11
Serial Extension Mode Register (SEMR)
SEMR selects the clock source in asynchronous mode. The basic clock can be automatically set by
selecting the average transfer rate.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
Undefined
Reserved
If these bits are read, an undefined value will be
returned and cannot be modified.
3
ABCS
0
R/W
Asynchronous basic clock selection (valid only in
asynchronous mode)
Selects the basic clock for 1-bit period in
asynchronous mode.
0: Operates on a basic clock with a frequency of
16 times the transfer rate.
1: Operates on a basic clock with a frequency of 8
times the transfer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com