công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 877 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 877 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 873Page - Renesas Technology Corp H8S/2454 Datasheet HTML 874Page - Renesas Technology Corp H8S/2454 Datasheet HTML 875Page - Renesas Technology Corp H8S/2454 Datasheet HTML 876Page - Renesas Technology Corp H8S/2454 Datasheet HTML 877Page - Renesas Technology Corp H8S/2454 Datasheet HTML 878Page - Renesas Technology Corp H8S/2454 Datasheet HTML 879Page - Renesas Technology Corp H8S/2454 Datasheet HTML 880Page - Renesas Technology Corp H8S/2454 Datasheet HTML 881Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 847 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
2
TEND
1
R
Transmit End
This bit is set to 1 when no error signal has been
sent back from the receiving end and the next
transmit data is ready to be transferred to TDR.
[Setting conditions]
•
When the TE bit in SCR is 0 and the ERS bit
is also 0
•
If the ERS bit is 0 and the TDRE bit is 1 after
the specified interval after transmission of 1-
byte data
Timing to set this bit differs according to the
register settings.
GM = 0, BLK = 0: 2.5 etu after transmission
GM = 0, BLK = 1: 1.5 etu after transmission
GM = 1, BLK = 0: 1.0 etu after transmission
GM = 1, BLK = 1: 1.0 etu after transmission
[Clearing conditions]
•
When 0 is written to TEND after reading
TEND = 1
•
When the DMAC or DTC is activated by a TXI
interrupt and writes data to TDR
1
MPB
0
R
Multiprocessor Bit
This bit is not used in Smart Card interface mode.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
Write 0 to this bit in Smart Card interface mode.
Note:
*
Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com