công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 864 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 864 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 860Page - Renesas Technology Corp H8S/2454 Datasheet HTML 861Page - Renesas Technology Corp H8S/2454 Datasheet HTML 862Page - Renesas Technology Corp H8S/2454 Datasheet HTML 863Page - Renesas Technology Corp H8S/2454 Datasheet HTML 864Page - Renesas Technology Corp H8S/2454 Datasheet HTML 865Page - Renesas Technology Corp H8S/2454 Datasheet HTML 866Page - Renesas Technology Corp H8S/2454 Datasheet HTML 867Page - Renesas Technology Corp H8S/2454 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 834 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
3
2
BCP1
BCP0
0
0
R/W
R/W
Basic Clock Pulse 1 and 0
These bits, in combination with the BCP2 bit in
SCMR, select the number of basic clock cycles in
a 1-bit transfer interval in Smart Card interface
mode.
BCP2 to BCP0 Settings:
000: 93 clock cycles (S = 93)
001: 128 clock cycles (S = 128)
010: 186 clock cycles (S = 186)
011: 512 clock cycles (S = 512)
100: 32 clock cycles (S = 32) (initial value)
101: 64 clock cycles (S = 64)
110: 372 clock cycles (S = 372)
111: 256 clock cycles (S = 256)
For details, refer to section 15.7.4, Receive Data
Sampling Timing and Reception Margin. S stands
for the value of S in BRR (see section 15.3.9, Bit
Rate Register (BRR)).
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock source for the on-chip
baud rate generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the bit rate register
setting and the baud rate, see section 15.3.9, Bit
Rate Register (BRR). n is the decimal display of
the value of n in BRR (see section 15.3.9, Bit Rate
Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com