công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 860 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 860 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 856Page - Renesas Technology Corp H8S/2454 Datasheet HTML 857Page - Renesas Technology Corp H8S/2454 Datasheet HTML 858Page - Renesas Technology Corp H8S/2454 Datasheet HTML 859Page - Renesas Technology Corp H8S/2454 Datasheet HTML 860Page - Renesas Technology Corp H8S/2454 Datasheet HTML 861Page - Renesas Technology Corp H8S/2454 Datasheet HTML 862Page - Renesas Technology Corp H8S/2454 Datasheet HTML 863Page - Renesas Technology Corp H8S/2454 Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 830 of 1342
REJ09B0467-0100
•
Receive shift register_3 (RSR_3)
•
Transmit shift register_3 (TSR_3)
•
Receive data register_3 (RDR_3)
•
Transmit data register_3 (TDR_3)
•
Serial mode register_3 (SMR_3)
•
Serial control register_3 (SCR_3)
•
Serial status register_3 (SSR_3)
•
Smart card mode register_3 (SCMR_3)
•
Bit rate register_3 (BRR_3)
•
Receive shift register_4 (RSR_4)
•
Transmit shift register_4 (TSR_4)
•
Receive data register_4 (RDR_4)
•
Transmit data register_4 (TDR_4)
•
Serial mode register_4 (SMR_4)
•
Serial control register_4 (SCR_4)
•
Serial status register_4 (SSR_4)
•
Smart card mode register_4 (SCMR_4)
•
Bit rate register_4 (BRR_4)
15.3.1
Receive Shift Register (RSR)
RSR is a shift register used to receive serial data that is input to the RxD pin and convert it into
parallel data. When one byte of data has been received, it is transferred to RDR automatically.
RSR cannot be directly accessed by the CPU.
15.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores receive data. When the SCI has received one byte of serial
data, it transfers the received serial data from RSR to RDR where it is stored. After this, RSR is
receive-enabled. Since RSR and RDR function as a double buffer in this way, enables continuous
receive operations to be performed. After confirming that the RDRF bit in SSR is set to 1, read
RDR for only once. RDR cannot be written to by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com