công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 809 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 809 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 805Page - Renesas Technology Corp H8S/2454 Datasheet HTML 806Page - Renesas Technology Corp H8S/2454 Datasheet HTML 807Page - Renesas Technology Corp H8S/2454 Datasheet HTML 808Page - Renesas Technology Corp H8S/2454 Datasheet HTML 809Page - Renesas Technology Corp H8S/2454 Datasheet HTML 810Page - Renesas Technology Corp H8S/2454 Datasheet HTML 811Page - Renesas Technology Corp H8S/2454 Datasheet HTML 812Page - Renesas Technology Corp H8S/2454 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 1376 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 779 of 1342
REJ09B0467-0100
12.4.4
Non-Overlapping Pulse Output
During non-overlapping operation, transfer from NDR to PODR is performed as follows:
•
NDR bits are always transferred to PODR bits at compare match A.
•
At compare match B, NDR bits are transferred only if their value is 0. Bits are not transferred
if their value is 1.
Figure 12.6 illustrates the non-overlapping pulse output operation.
Compare match A
Compare match B
Pulse
output
pin
Internal data bus
Normal output/inverted output
C
PODR
QD
NDER
Q
NDR
Q
D
DDR
Figure 12.6 Non-Overlapping Pulse Output
Therefore, 0 data can be transferred ahead of 1 data by making compare match B occur before
compare match A.
The NDR contents should not be altered during the interval from compare match B to compare
match A (the non-overlap margin).
This can be accomplished by having the TGIA interrupt handling routine write the next data in
NDR, or by having the TGIA interrupt activate the DTC or DMAC. Note, however, that the next
data must be written before the next compare match B occurs.
Figure 12.7 shows the timing of this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com