công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 613 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 613 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 609Page - Renesas Technology Corp H8S/2454 Datasheet HTML 610Page - Renesas Technology Corp H8S/2454 Datasheet HTML 611Page - Renesas Technology Corp H8S/2454 Datasheet HTML 612Page - Renesas Technology Corp H8S/2454 Datasheet HTML 613Page - Renesas Technology Corp H8S/2454 Datasheet HTML 614Page - Renesas Technology Corp H8S/2454 Datasheet HTML 615Page - Renesas Technology Corp H8S/2454 Datasheet HTML 616Page - Renesas Technology Corp H8S/2454 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 583 of 1342
REJ09B0467-0100
10.9.6
Pin Functions
Port A pins also function as the pins for address outputs, interrupt inputs, SSU I/Os, SCI I/Os, and
bus control signal outputs. The correspondence between the register specification and the pin
functions is shown below.
• PA7/A23/CS7*4/IRQ7-A/SSO0-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE
in SSER of SSU, bits SSO0S1 and SSO0S0 in PFCR5, bit CS7E in PFCR0 (the H8S/2454
Group), bit A23E in PFCR1, bit PA7DDR, and bit ITS7 in ITSR of the interrupt controller.
• Modes 1, 2, and 4
A23E
0
1
CS7E*
4
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
PA7DDR
0
1
0
0
1
0
1
PA7 input
PA7
output
SSO0-B
input*
2
SSO0-B
output*
3
PA7 input
CS7
output*
4
PA7 input
A23
output
Pin function
IRQ7-A interrupt input*1
• Mode 7 (EXPE = 1)
A23E
0
1
CS7E*
4
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
PA7DDR
0
1
0
0
1
0
1
PA7 input
PA7
output
SSO0-B
input*
2
SSO0-B
output*
3
PA7 input
CS7
output*
4
PA7 input
A23
output
Pin function
IRQ7-A interrupt input*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com