công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 610 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 610 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 606Page - Renesas Technology Corp H8S/2454 Datasheet HTML 607Page - Renesas Technology Corp H8S/2454 Datasheet HTML 608Page - Renesas Technology Corp H8S/2454 Datasheet HTML 609Page - Renesas Technology Corp H8S/2454 Datasheet HTML 610Page - Renesas Technology Corp H8S/2454 Datasheet HTML 611Page - Renesas Technology Corp H8S/2454 Datasheet HTML 612Page - Renesas Technology Corp H8S/2454 Datasheet HTML 613Page - Renesas Technology Corp H8S/2454 Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 580 of 1342
REJ09B0467-0100
10.9.1
Port A Data Direction Register (PADDR)
The individual bits of PADDR specify input or output for the pins of port A. PADDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7
PA7DDR
0
W
6
PA6DDR
0
W
5
PA5DDR
0
W
4
PA4DDR
0
W
3
PA3DDR
0
W
2
PA2DDR
0
W
1
PA1DDR
0
W
0
PA0DDR
0
W
• Modes 1 and 2
Pins PA4 to PA0 are address outputs.
For pins PA7 to PA5, when the corresponding bit
of A23E to A21E is set to 1, setting a PADDR bit
to 1 makes the corresponding pin an address
output, while clearing the bit to 0 makes the
corresponding pin an input port. Clearing one of
bits A23E to A21E to 0 makes the corresponding
pin an I/O port, and its function can be switched
with PADDR.
• Modes 7 (when EXPE = 1) and 4
When the corresponding bit of A23E to A16E is
set to 1, setting a PADDR bit to 1 makes the
corresponding pin an address output, while
clearing the bit to 0 makes the corresponding pin
an input port. Clearing one of bits A23E to A16E
to 0 makes the corresponding pin an I/O port,
and its function can be switched with PADDR.
• Mode 7 (when EXPE = 0)
Port A is an I/O port, and its pin functions can be
switched with PADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com