công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 592 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 592 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 588Page - Renesas Technology Corp H8S/2454 Datasheet HTML 589Page - Renesas Technology Corp H8S/2454 Datasheet HTML 590Page - Renesas Technology Corp H8S/2454 Datasheet HTML 591Page - Renesas Technology Corp H8S/2454 Datasheet HTML 592Page - Renesas Technology Corp H8S/2454 Datasheet HTML 593Page - Renesas Technology Corp H8S/2454 Datasheet HTML 594Page - Renesas Technology Corp H8S/2454 Datasheet HTML 595Page - Renesas Technology Corp H8S/2454 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 562 of 1342
REJ09B0467-0100
• P62/IRQ10-A/TEND0/TMCI0-A
The pin function is switched as shown below according to the combination of bit TEE0 in
DMATCR of DMAC, bit TMRS in PFCR3, bit P62DDR, and bit ITS10 in ITSR of the
interrupt controller.
TEE0
0
1
P62DDR
0
1
P62 input
P62 output
TEND0 output
IRQ10-A interrupt input*1
Pin function
TMCI0-A input*
2*3
Notes: 1.
IRQ10-A input when the ITS10 bit in ITSR is 0.
2. When used as the external clock input pin for the TMR, its pin function should be
specified to the external clock input by the CKS2 to CKS0 bits in TCR_0.
3. TMCI0-A input when the TMRS bit in PFCR3 is 0.
• P61/IRQ9-A/DREQ1/TMRI1-A
The pin function is switched as shown below according to the combination of bits TMRS and
USBDRQE in PFCR3, bit P61DDR, and bit ITS9 in ITSR of the interrupt controller.
P61DDR
0
1
P61 input
P61 output
TMRI1-A input*
1*3
DREQ1 input*4
Pin function
IRQ9-A interrupt input*2
Notes: 1. When used as the counter reset input pin for the TMR, both the CCLR1 and CCLR0 bits
in TCR_1 should be set to 1.
2.
IRQ9-A input when the ITS9 bit in ITSR is 0.
3. TMRI1-A input when the TMRS bit in PFCR3 is 0.
4.
DREQ1 input when the USBDRQE bit in PFCR3 is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com