công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 591 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 591 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 587Page - Renesas Technology Corp H8S/2454 Datasheet HTML 588Page - Renesas Technology Corp H8S/2454 Datasheet HTML 589Page - Renesas Technology Corp H8S/2454 Datasheet HTML 590Page - Renesas Technology Corp H8S/2454 Datasheet HTML 591Page - Renesas Technology Corp H8S/2454 Datasheet HTML 592Page - Renesas Technology Corp H8S/2454 Datasheet HTML 593Page - Renesas Technology Corp H8S/2454 Datasheet HTML 594Page - Renesas Technology Corp H8S/2454 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 561 of 1342
REJ09B0467-0100
• P64/IRQ12-A/DACK0/TMO0-A
The pin function is switched as shown below according to the combination of bit SAE0 in
DMABCRH of DMAC, bits OS3 to OS0 in TCSR_0 of the 8-bit timer, bit TMRS in PFCR3,
bit P64DDR, and bit ITS12 in ITSR of the interrupt controller.
SAE0
0
1
OS3 to OS0
All 0
Not all 0
P64DDR
0
1
P64 input
P64 output
TMO0-A output*
2
DACK0 output
Pin function
IRQ12-A interrupt input*1
Notes: 1.
IRQ12-A input when the ITS12 bit in ITSR is 0.
2. TMO0-A output when the TMRS bit in PFCR3 is 0.
• P63/IRQ11-A/TEND1/TMCI1-A
The pin function is switched as shown below according to the combination of bit TEE1 in
DMATCR of DMAC, bit TMRS in PFCR3, bit P63DDR, and bit ITS11 in ITSR of the
interrupt controller.
TEE1
0
1
P63DDR
0
1
P63 input
P63 output
TEND1 output
IRQ11-A interrupt input*1
Pin function
TMCI1-A input*
2*3
Notes: 1.
IRQ11-A input when the ITS11 bit in ITSR is 0.
2. When used as the external clock input pin for the TMR, its pin function should be
specified to the external clock input by the CKS2 to CKS0 bits in TCR_1.
3. TMCI1-A input when the TMRS bit in PFCR3 is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com