công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 530 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 530 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 526Page - Renesas Technology Corp H8S/2454 Datasheet HTML 527Page - Renesas Technology Corp H8S/2454 Datasheet HTML 528Page - Renesas Technology Corp H8S/2454 Datasheet HTML 529Page - Renesas Technology Corp H8S/2454 Datasheet HTML 530Page - Renesas Technology Corp H8S/2454 Datasheet HTML 531Page - Renesas Technology Corp H8S/2454 Datasheet HTML 532Page - Renesas Technology Corp H8S/2454 Datasheet HTML 533Page - Renesas Technology Corp H8S/2454 Datasheet HTML 534Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 500 of 1342
REJ09B0467-0100
Mode 7
Port
Description
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Input/
Output Type
PA7/A23/
CS7/
IRQ7-A/
SSO0-B
PA7/A23/
CS7/IRQ7-A/
SSO0-B
PA7/
IRQ7-A/SSO0-B
PA6/A22/
IRQ6-A/
SSI0-B
PA6/A22/
IRQ6-A/SSI0-B
PA6/
IRQ6-A/SSI0-B
PA5/A21/
IRQ5-A/
SSCK0-B
PA5/A21/
IRQ5-A/SSCK0-B
PA5/
IRQ5-A/SSCK0-B
A20/
IRQ4-A
PA4/A20/
IRQ4-A/SCS0-B
PA4/
IRQ4-A/SCS0-B
Port A
General I/O port also
functioning as
address outputs,
SSU I/Os, SCI I/Os,
and bus control
signal outputs
A19
A18
A17
A16
PA3/A19/SCK4-B
PA2/A18/RxD4-B
PA1/A17/TxD4-B
PA0/A16
PA3/SCK4-B
PA2/RxD4-B
PA1/TxD4-B
PA0
Only PA4 to PA7
are Schmitt-
triggered inputs
when used as IRQ
inputs.
Built-in input pull-up
MOS.
Open-drain output
capability.
Port B
General I/O port also
functioning as
address outputs and
TPU I/Os
A15
A14
A13
A12
A11
A10
A9
A8
PB7/A15
PB6/A14
PB5/A13
PB4/A12
PB3/A11
PB2/A10
PB1/A9
PB0/A8
PB7/TIOCB8/TCLKH
PB6/TIOCA8
PB5/TIOCB7/TCLKG
PB4/TIOCA7
PB3/TIOCD6/TCLKF
PB2/TIOCC6/TCLKE
PB1/TIOCB6
PB0/TIOCA6
Built-in input pull-up
MOS.
Schmitt-triggered
inputs when used
as TPU inputs.
Open-drain output
capability.
Port C
General I/O port also
functioning as
address outputs and
TPU I/Os
A7
A6
A5
A4
A3
A2
A1
A0
PC7/A7
PC6/A6
PC5/A5
PC4/A4
PC3/A3
PC2/A2
PC1/A1
PC0/A0
PC7/TIOCB11
PC6/TIOCA11
PC5/TIOCB10
PC4/TIOCA10
PC3/TIOCD9
PC2/TIOCC9
PC1/TIOCB9
PC0/TIOCA9
Built-in input pull-up
MOS.
Schmitt-triggered
inputs when used
as TPU inputs.
Open-drain output
capability.
Port D
General I/O port also
functioning as data
I/Os
D15
D14
D13
D12
D11
D10
D9
D8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Built-in input pull-up
MOS.
Schmitt-triggered
inputs when used
as TPU inputs.
Open-drain output
capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com