| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 323 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 323 Page - Renesas Technology Corp |
|
323 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 293 of 1342 REJ09B0467-0100 (b) Normal space access after a continuous synchronous DRAM space write access If a normal space read cycle occurs after a continuous synchronous DRAM space write access while the ICIS2 bit is set to 1 in BCR, idle cycle is inserted at the start of the read cycle. The number of states of the idle cycle to be inserted is in accordance with the setting of bit IDLC. It is not in accordance with the DRMI bit in DRACCR. Figure 6.92 shows an example of idle cycle operation when the ICIS2 bit is set to 1. Tp Address bus Idle cycle Data bus Tr Tc1 Tc2 T3 Tc1 Continuous synchronous DRAM space write External address space read Synchronous DRAM space read T2 Ti T1 RAS CAS WE RD HWR, LWR CKE High PALL ACTV NOP WRIT NOP NOP READ DQMU, DQML TCl Tc2 Precharge-sel φ External address External address Column address Column address 2 Row address Row address Column address Figure 6.92 Example of Idle Cycle Operation after Continuous Synchronous DRAM Space Write Access (IDLC = 0, ICIS1 = 0, SDWCD = 1, CAS Latency 2) |